PART |
Description |
Maker |
MC79L08F09 MC79L08F-TP |
Three-Terminal Low Current Negative Voltage Regulat
|
Micro Commercial Components
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
LND4885 LND4805 LND4808 LND4809 LND4810 LND4812 LN |
400mA,5V low dropout voltage regulator. 400mA,3.3V low dropout voltage regulator, other fixed versions are also available Vout = 2.0V to 5.0V 400mA Low Dropout Voltage Regulators 400mA,8.5V low dropout voltage regulator. 400mA,12V low dropout voltage regulator.
|
List of Unclassifed Manufacturers ETC[ETC] Linear Dimensions Semiconductor LinearDimensions
|
B1150 B1150S-1.5 B1150S-2.5 B1150S-3.0 B1150S-3.3 |
Adjustable 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator 3.0V 4.0A low dropout voltage regulator 2.5V 4.0A low dropout voltage regulator 1.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output
|
BayLinear ETC
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MSK5115-5.0BTU MSK5115-5.0BZD MSK5115-5.0BTS MSK51 |
Adj, High current, low dropout voltage regulator HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 大电流,低降稳压 12V, High current, low dropout voltage regulator
|
Electronic Theatre Controls, Inc. M.S. Kennedy Corp.
|
MC33761SNT1-25 MC33761SNT1-29 MC33761SNT1-50G MC33 |
Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control COMPACT FLASH CARD, 32MB Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
ONSEMI[ON Semiconductor]
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
TA78DS10F TA78DS06F TA78DS08F TA78DS09F TA78DS12F |
Low Dropout Voltage Regulator 10V Low Dropout Voltage Regulator 6V Low Dropout Voltage Regulator 8V Low Dropout Voltage Regulator 9V Low Dropout Voltage Regulator 12V
|
TOSHIBA
|
AN8085 AN8085M AN8004M AN8004 AN8025M AN8025 AN800 |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Low Dropout Regulator 3-pin positive output low dropout voltage regulator (50 mA type) 3-pin Positive Output Low Dropout Voltage Regulator 50mA Type 3-pin, positive output, low dropout voltage regulator (50 mA type) 3-pin/ positive output/ low dropout voltage regulator (50 mA type)
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
LT3021 LT3021-1.2 LT3021-1.8 LT3021EDH-1.5 LT3021E |
500mA, Low Voltage, Very Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16
|
Linear Technology, Corp. http:// Linear Technology Corporation LINER[Linear Technology]
|